Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 94 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 94 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 121 page
background image
Page 94
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegSyncValue5
(0x2c)
7-0
SyncValue(31:24)
rw
0x01
*
5th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 5.
RegSyncValue6
(0x2d)
7-0
SyncValue(23:16)
rw
0x01
*
6th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 6.
RegSyncValue7
(0x2e)
7-0
SyncValue(15:8)
rw
0x01
*
7th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) >= 7.
RegSyncValue8
(0x2f)
7-0
SyncValue(7:0)
rw
0x01
*
8th byte of Sync word.
Used if SyncOn is set and (SyncSize +1) = 8.
RegPacketConfig1
(0x30)
7
PacketFormat
rw
0x01
Defines the packet format used:
0  Fixed length
1  Variable length
6-5
DcFree
rw
0x00
Defines DC-free encoding/decoding performed:
00  None (Off)
01  Manchester
10  Whitening
11  reserved
4
CrcOn
rw
0x01
Enables CRC calculation/check (Tx/Rx):
0  Off
1  On
3
CrcAutoClearOff
rw
0x00
Defines the behavior of the packet handler when CRC check fails:
0  Clear FIFO and restart new packet reception. No
PayloadReady
interrupt issued.
1  Do not clear FIFO. PayloadReady interrupt issued.
2-1
AddressFiltering
rw
0x00
Defines address based filtering in Rx:
00  None (Off)
01  Address field must match NodeAddress
10  Address field must match NodeAddress or
BroadcastAddress
11  reserved
0
CrcWhiteningType
rw
0x00
Selects the CRC and whitening algorithms:
0  CCITT CRC implementation with standard whitening
1  IBM CRC implementation with alternate whitening
RegPacketConfig2
(0x31)
7
unused
r
-
unused
6
DataMode
rw
0x01
Data processing mode:
0  Continuous mode
1  Packet mode
5
IoHomeOn
rw
0x00
Enables the io-homecontrol® compatibility mode
0  Disabled
1  Enabled
4
IoHomePowerFrame
rw
0x00
reserved - Linked to io-homecontrol® compatibility mode
3
BeaconOn
rw
0x00
Enables the Beacon mode in Fixed packet format
2-0
PayloadLength(10:8)
rw
0x00
Packet Length Most significant bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com