Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 61 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 61 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
Page 61
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.10. FIFO
Overview and Shift Register (SR)
In packet mode of operation, both data to be transmitted and that has been received are stored in a configurable FIFO
(First In First Out) device. It is accessed via the SPI interface and provides several interrupts for transfer management.
The FIFO is 1 byte wide hence it only performs byte (parallel) operations, whereas the demodulator functions serially. A
shift register is therefore employed to interface the two devices. In transmit mode it takes bytes from the FIFO and outputs
them serially (MSB first) at the programmed bit rate to the modulator. Similarly, in Rx the shift register gets bit by bit data
from the demodulator and writes them byte by byte to the FIFO. This is illustrated in figure below.
byte1
byte0
FIFO
Data Tx/Rx
1
8
SR (8bits)
MSB
LSB
Figure 26. FIFO and Shift Register (SR)
Note
When switching to Sleep mode, the FIFO can only be used once the ModeReady flag is set (quasi immediate from
all modes except from Tx)
The FIFO size is fixed to 64 bytes.
Interrupt Sources and Flags
FifoEmpty: FifoEmpty interrupt source is high when byte 0, i.e. whole FIFO, is empty. Otherwise it is low. Note that when
retrieving data from the FIFO, FifoEmpty is updated on NSS falling edge, i.e. when FifoEmpty is updated to low state
the currently started read operation must be completed. In other words, FifoEmpty state must be checked after each
read operation for a decision on the next one (FifoEmpty = 0: more byte(s) to read; FifoEmpty = 1: no more byte to
read).
FifoFull: FifoFull interrupt source is high when the last FIFO byte, i.e. the whole FIFO, is full. Otherwise it is low.
FifoOverrunFlag: FifoOverrunFlag is set when a new byte is written by the user (in Tx or Standby modes) or the SR (in
Rx mode) while the FIFO is already full. Data is lost and the flag should be cleared by writing a 1, note that the FIFO will
also be cleared.
PacketSent: PacketSent interrupt source goes high when the SR's last bit has been sent.
FifoLevel: Threshold can be programmed by FifoThreshold in RegFifoThresh. Its behavior is illustrated in figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com