Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 99 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 99 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 121 page
background image
Page 99
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegDioMapping1
(0x40)
7-6
Dio0Mapping
rw
0x00
Mapping of pins DIO0 to DIO5
See Table 23 for mapping in LoRa mode
See Table 27 for mapping in Continuous mode
See table 28 for mapping in Packet mode
5-4
Dio1Mapping
rw
0x00
3-2
Dio2Mapping
rw
0x00
1-0
Dio3Mapping
rw
0x00
RegDioMapping2
(0x41)
7-6
Dio4Mapping
rw
0x00
5-4
Dio5Mapping
rw
0x00
3-1
reserved
rw
0x00
reserved. Retain default value
0
MapPreambleDetect
rw
0x00
Allows the mapping of either Rssi Or PreambleDetect to the DIO
pins, as summarized on Table 27 and Table 28
0  Rssi interrupt
1  PreambleDetect interrupt
Version register
RegVersion
(0x42)
7-0
Version
r
0x11
Version code of the chip. Bits 7-4 give the full revision number;
bits 3-0 give the metal mask revision number.
Additional registers
RegPllHop
(0x44)
7
FastHopOn
rw
0x00
Bypasses the main state machine for a quick frequency hop.
Writing RegFrfLsb will trigger the frequency change.
0  Frf is validated when FSTx or FSRx is requested
1  Frf is validated triggered when RegFrfLsb is written
6-0
reserved
rw
0x2d
reserved
RegTcxo
(0x4b)
7-5
reserved
rw
0x00
reserved. Retain default value
4
TcxoInputOn
rw
0x00
Controls the crystal oscillator
0  Crystal Oscillator with external Crystal
1  External clipped sine TCXO AC-connected to XTA pin
3-0
reserved
rw
0x09
Reserved. Retain default value.
RegPaDac
(0x4d)
7-3
reserved
rw
0x10
reserved. Retain default value
2-0
PaDac
rw
0x04
Enables the +20dBm option on PA_BOOST pin
0x04  Default value
0x07  +20dBm on PA_BOOST when OutputPower=1111
RegFormerTemp
(0x5b)
7-0
FormerTemp
rw
-
Temperature saved during the latest IQ (RSSI and Image)
calibrated. Same format as TempValue in RegTemp.
RegBitrateFrac
(0x5d)
7-4
unused
r
0x00
unused
3-0
BitRateFrac
rw
0x00
Fractional part of the bit rate divider (Only valid for FSK)
If BitRateFrac> 0 then:
BitRate = ---------------------------
F
----
X
----
O
-----
S
---
C
------------------------------
BitRate(15,0) + -
B
----
i
--
t
--
r
--
a
----
t
--
e
---
F
----
r
--
a
----
c
-
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com