Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 87 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 87 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 121 page
background image
Page 87
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
6.2. FSK/OOK Mode Register Map
This section details the RF96/97/98 register mapping and the precise contents of each register in FSK/OOK mode.
Convention: r: read, w: write, t:trigger, c: clear
Table 86 Register Map
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegFifo
(0x00)
7-0
Fifo
rw
0x00
FIFO data input/output
Registers for Common settings
RegOpMode
(0x01)
7
LongRangeMode
r
0x00
0  FSK/OOK Mode
1 LoRaTM Mode
This bit can be modified only in Sleep mode. A write operation on
other device modes is ignored.
6-5
ModulationType
rw
0x00
Modulation scheme:
00  FSK
01  OOK
10  11  reserved
4
reserved
r
0x0
reserved
3
LowFrequencyModeOn
rw
0x01
Access Low Frequency Mode registers (from address 0x61 on)
0  High Frequency Mode (access to HF test registers)
1  Low Frequency Mode (access to LF test registers)
2-0
Mode
rw
0x01
Transceiver modes
000  Sleep mode
001  Stdby mode
010  FS mode TX (FSTx)
011  Transmitter mode (Tx)
100  FS mode RX (FSRx)
101  Receiver mode (Rx)
110  reserved
111  reserved
RegBitrateMsb
(0x02)
7-0
BitRate(15:8)
rw
0x1a
MSB of Bit Rate (chip rate if Manchester encoding is enabled)
RegBitrateLsb
(0x03)
7-0
BitRate(7:0)
rw
0x0b
LSB of bit rate (chip rate if Manchester encoding is enabled)
BitRate = ---------------------------
F
----
X
----
O
-----
S
---
C
------------------------------
BitRate(15,0) + -
B
----
i
--
t
--
r
--
a
----
t
--
e
---
F
----
r
--
a
----
c
-
16
Default value: 4.8 kb/s
RegFdevMsb
(0x04)
7-6
reserved
rw
0x00
reserved
5-0
Fdev(13:8)
rw
0x00
MSB of the frequency deviation
RegFdevLsb
(0x05)
7-0
Fdev(7:0)
rw
0x52
LSB of the frequency deviation
Fdev = Fstep × Fdev(15,0)
Default value: 5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com