Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 44 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 44 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
Page 44
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
RSSI
[dBm]
„‟Peak -6dB‟‟ Threshold
„‟Floor‟‟ threshold defined by
OokFixedThresh
Noise floor of
receiver
Time
Zoom
Decay in dB as defined in
OokPeakThreshStep
Fixed 6dB difference
Period as defined in
OokPeakThreshDec
Figure 13. OOK Peak Demodulator Description
In peak threshold mode the comparison threshold level is the peak value of the RSSI, reduced by 6dB. In the absence of
an input signal, or during the reception of a logical
„0‟, the acquired peak value is decremented by one OokPeakThreshStep
every OokPeakThreshDec period.
When the RSSI output is null for a long time (for instance after a long string of
“0” received, or if no transmitter is present),
the peak threshold level will continue falling until it reaches the
“Floor Threshold”, programmed in OokFixedThresh.
The default settings of the OOK demodulator lead to the performance stated in the electrical specification. However, in
applications in which sudden signal drops are awaited during a reception, the three parameters should be optimized
accordingly.
Optimizing the Floor Threshold
OokFixedThresh
determines the sensitivity of the OOK receiver, as it sets the comparison threshold for weak input signals
(i.e. those close to the noise floor). Significant sensitivity improvements can be generated if configured correctly.
Note that the noise floor of the receiver at the demodulator input depends on:
The noise figure of the receiver.
The gain of the receive chain from antenna to base band.
The matching - including SAW filter if any.
The bandwidth of the channel filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com