Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 53 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 53 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
Page 53
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.5.6. Receiver Hopping, Rx to Rx
Two methods are possible:
First method
Timeline
0
TS_HOP
+TS_RE
Rx Mode,
Channel A
1. set new Frf
2. set RestartRxWithPllLock
Rx Mode,
Channel B
Second method
Timeline
0
~TS_HOP
Rx Mode,
Channel A
1. set FastHopOn=1
2. set new Frf (*)
3. wait for TS_HOP
Rx Mode,
Channel B
(*) RegFrfLsb must be written to
trigger a frequency change
Figure 21. Receiver Hopping
The second method is quicker, and should be used if a very quick RF sniffing mechanism is to be implemented.
4.2.5.7. Tx to Tx
0
~PaRamp
+TS_HOP
~PaRamp
+TS_HOP
+TS_TR
Timeline
Tx Mode,
Channel A
1. set new Frf (*)
2. set FSTx mode
FSTx
Set Tx mode
Tx Mode,
Channel B
Figure 22. Transmitter Hopping
4.2.6. Receiver Startup Options
The RF96/97/98 receiver can automatically control the gain of the receive chain (AGC) and adjust the receiver LO
frequency (AFC). Those processes are carried out on a packet-by-packet basis. They occur:
When the receiver is turned On.
When the Receiver is restarted upon user request, through the use of trigger bits RestartRxWithoutPllLock or
RestartRxWithPllLock
, in RegRxConfig.
When the receiver is automatically restarted after the reception of a valid packet, or after a packet collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com