Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 102 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 102 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 121 page
background image
Page 102
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
6.4. LoRa
TM Mode Register Map
This section details the RF96/97/98 register mapping and the precise contents of each register in LoRaTM mode.
It is essential to understand that the LoRa modem is controlled independently of the FSK modem. Therefore, care should
be taken when accessing the registers, especially as some register may have the same name in LoRa or FSK mode.
The LoRa registers are only accessible when the device is set in Lora mode (and, in the same way, the FSK register are
only accessible in FSK mode). However, in some cases, it may be necessary to access some of the FSK register while in
LoRa mode. To this aim, the AccesSharedReg bit was created in the RegOpMode register. This bit, when set to
„1‟, will
grant access to the FSK register 0x0D up to the register 0x3F. Once the setup has been done, it is strongly recommended
to clear this bit so that LoRa register can be accessed normally.
Convention: r: read, w: write, c : set to clear and t: trigger.
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegFifo
(0x00)
7-0
Fifo
rw
0x00
LoRaTM base-band FIFO data input/output. FIFO is cleared an
not accessible when device is in SLEEP mode
Common Register Settings
RegOpMode
(0x01)
7
LongRangeMode
rw
0x0
0  FSK/OOK Mode
1  LoRaTM Mode
This bit can be modified only in Sleep mode. A write operation on
other device modes is ignored.
6
AccessSharedReg
rw
0x0
This bit operates when device is in Lora mode; if set it allows
access to FSK registers page located in address space
(0x0D:0x3F) while in LoRa mode
0  Access LoRa registers page 0x0D: 0x3F
1  Access FSK registers page (in mode LoRa) 0x0D: 0x3F
5-4
reserved
r
0x00
reserved
3
LowFrequencyModeOn
rw
0x01
Access Low Frequency Mode registers
0  High Frequency Mode (access to HF test registers)
1  Low Frequency Mode (access to LF test registers)
2-0
Mode
rwt
0x01
Device modes
000  SLEEP
001  STDBY
010  Frequency synthesis TX (FSTX)
011  Transmit (TX)
100  Frequency synthesis RX (FSRX)
101  Receive continuous (RXCONTINUOUS)
110  receive single (RXSINGLE)
111  Channel activity detection (CAD)
(0x02)
7-0
reserved
r
0x00
-
(0x03)
7-0
reserved
r
0x00
-
(0x04)
7-0
reserved
rw
0x00
-
(0x05)
7-0
reserved
r
0x00
-
RegFrMsb
(0x06)
7-0
Frf(23:16)
rw
0x6c
MSB of RF carrier frequency
RegFrMid
(0x07)
7-0
Frf(15:8)
rw
0x80
MSB of RF carrier frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com