Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 106 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 106 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 108Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 109Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 110Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 121 page
background image
Page 106
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegPktRssiValue
(0x1A)
7-0
PacketRssi
r
n/a
RSSI of the latest packet received (dBm)
RSSI[dBm] =
– 137 + PacketRssi
RegRssiValue
(0x1B)
7-0
Rssi
r
n/a
Current RSSI value (dBm)
RSSI[dBm] =
– 137 + Rssi
RegHopChannel
(0x1C)
7
PllTimeout
r
n/a
PLL failed to lock while attempting a TX/RX/CAD operation
1  PLL did not lock
0  PLL did lock
6
RxPayloadCrcOn
r
n/a
CRC Information extracted from the received packet header
0  Header indicates CRC off
1  Header indicates CRC on
5-0
FhssPresentChannel
r
n/a
Current value of frequency hopping channel in use.
RegModemConfig
1
(0x1D)
7-4
Bw
rw
0x07
Signal bandwidth:
0000  7.8 kHz
0001  10.4 kHz
0010  15.6 kHz
0011  20.8kHz
0100  31.25 kHz
0101  41.7 kHz
0110  62.5 kHz
0111  125 kHz
1000  250 kHz
1001  500 kHz
other values  reserved
In the lower band (169MHz), signal bandwidths 8&9 are not
supported)
3-1
CodingRate
rw
„001‟
Error coding rate
001  4/5
010  4/6
011  4/7
100  4/8
All other values  reserved
In implicit header mode should be set on receiver to determine
expected coding rate. See Section 4.1.1.3
0
ImplicitHeaderModeOn
rw
0x0
0  Explicit Header mode
1  Implicit Header mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com