Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 109 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 109 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 108Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 109Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 110Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 111Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 112Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 113Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 121 page
background image
Page 109
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
7.2.2. Manual Reset
A manual reset of the RF96/97/98 is possible even for applications in which VDD cannot be physically disconnected. Pin
7 should be pulled low for a hundred microseconds, and then released. The user should then wait for 5 ms before using the
chip.
Figure 43. Manual Reset Timing Diagram
Note
whilst pin 7 is driven low, an over current consumption of up to one milliampere can be seen on VDD.
7.3. Top Sequencer: Listen Mode Examples
In this scenario, the circuit spends most of the time in Idle mode, during which only the RC oscillator is on. Periodically the
receiver wakes up and looks for incoming signal. If a wanted signal is detected, the receiver is kept on and data are
analyzed. Otherwise, if there was no wanted signal for a defined period of time, the receiver is switched off until the next
receive period.
During Listen mode, the Radio stays most of the time in a Low Power mode, resulting in very low average power
consumption. The general timing diagram of this scenario is given in Figure 44.
Listen m ode : principle
Receive
Idle ( Sleep + RC )
Receive
Idle
Figure 44. Listen Mode: Principle
An interrupt request is generated on a packet reception. The user can then take appropriate action.
Depending on the application and environment, there are several ways to implement Listen mode:
Wake on a PreambleDetect interrupt
Wake on a SyncAddress interrupt
Wake on a PayloadReady interrupt
7.3.1. Wake on Preamble Interrupt
In one possible scenario, the sequencer polls for a Preamble detection. If a preamble signal is detected, the sequencer is
switched off and the circuit stays in Receive mode until the user switches modes. Otherwise, the receiver is switched off
until the next Rx period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com