Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 105 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 105 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 108Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 109Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 121 page
background image
Page 105
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegIrqFlags
(0x12)
7
RxTimeout
rc
0x00
Timeout interrupt: a write operation clears IRQ
6
RxDone
rc
0x00
Packet reception complete interrupt: a write operation clears IRQ
5
PayloadCrcError
rc
0x00
Payload CRC error interrupt: a write operation clears IRQ
4
ValidHeader
rc
0x00
Valid header received in Rx: a write operation clears IRQ
3
TxDone
rc
0x00
FIFO Payload transmission complete interrupt: a write operation
clears IRQ
2
CadDone
rc
0x00
CAD complete: write to clear: a write operation clears IRQ
1
FhssChangeChannel
rc
0x00
FHSS change channel interrupt: a write operation clears IRQ
0
CadDetected
rc
0x00
Valid Lora signal detected during CAD operation: a write
operation clears IRQ
RegRxNbBytes
(0x13)
7-0
FifoRxBytesNb
r
n/a
Number of payload bytes of latest packet received
RegRxHeaderCnt
ValueMsb
(0x14)
7-0
ValidHeaderCntMsb(15:
8)
r
n/a
Number of valid headers received since last transition into Rx
mode, MSB(15:8). Header and packet counters are reseted in
Sleep mode.
RegRxHeaderCnt
ValueLsb
(0x15)
7-0
ValidHeaderCntLsb(7:0) r
n/a
Number of valid headers received since last transition into Rx
mode, LSB(7:0). Header and packet counters are reseted in
Sleep mode.
RegRxPacketCntV
alueMsb
(0x16)
7-0
ValidPacketCntMsb(15:
8)
rc
n/a
Number of valid packets received since last transition into Rx
mode, MSB(15:8). Header and packet counters are reseted in
Sleep mode.
RegRxPacketCntV
alueLsb
(0x17)
7-0
ValidPacketCntLsb(7:0)
r
n/a
Number of valid packets received since last transition into Rx
mode, LSB(7:0). Header and packet counters are reseted in
Sleep mode.
RegModemStat
(0x18)
7-5
RxCodingRate
r
n/a
Coding rate of last header received
4
ModemStatus
r
„1‟
Modem clear
3
r
„0‟
Header info valid
2
r
„0‟
RX on-going
1
r
„0‟
Signal synchronized
0
r
„0‟
Signal detected
RegPktSnrValue
(0x19)
7-0
PacketSnr
r
n/a
Estimation of SNR on last packet received.In two
‟s compliment
format mutiplied by 4.
SNR[dB] =
P
-----
a
---
c
---
k
---
e
---
t
--
S
---
n
----
r
--
[
---
t
--
w
----
o
----
s
---
c
---
o
---
m
-----
p
---
l
-
i
--
m
-----
e
--
n
---
t
---
]
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com