Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 107 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 107 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 108Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 109Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 110Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 111Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 121 page
background image
Page 107
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegModemConfig
2
(0x1E)
7-4
SpreadingFactor
rw
0x07
SF rate (expressed as a base-2 logarithm)
6  64 chips / symbol
7  128 chips / symbol
8  256 chips / symbol
9  512 chips / symbol
10  1024 chips / symbol
11  2048 chips / symbol
12  4096 chips / symbol
other values reserved.
3
TxContinuousMode
rw
0
0  normal mode, a single packet is sent
1  continuous mode, send multiple packets across the FIFO
(used for spectral analysis)
2
RxPayloadCrcOn
rw
0x00
CRC Information extracted from the received packet header
0  Header indicates CRC off
1  Header indicates CRC on
1-0
SymbTimeout(9:8)
rw
0x00
RX Time-Out MSB
RegSymbTimeoutL
sb
(0x1F)
7-0
SymbTimeout(7:0)
rw
0x64
RX Time-Out LSB
RX operation time-out value expressed as number of symbols:
TimeOut = SymbTimeout
⋅ Ts
RegPreambleMsb
(0x20)
7-0
PreambleLength(15:8)
rw
0x0
Preamble length MSB, = PreambleLength + 4.25 Symbols
See Section XX for more details.
RegPreambleLsb
(0x21)
7-0
PreambleLength(7:0)
rw
0x8
Preamble Length LSB
RegPayloadLength
(0x22)
7-0
PayloadLength(7:0)
rw
0x1
Payload length in bytes. The register needs to be set in implicit
header mode for the expected packet length. A 0 value is not
permitted
RegMaxPayloadLe
ngth
(0x23)
7-0
PayloadMaxLength(7:0)
rw
0xff
Maximum payload length; if header payload length exceeds
value a header CRC error is generated. Allows filtering of packet
with a bad size.
RegHopPeriod
(0x24)
7-0
FreqHoppingPeriod(7:0)
rw
0x0
Symbol periods between frequency hops. (0 = disabled). 1st hop
always happen after the 1st header symbol
RegFifoRxByteAdd
r
(0x25)
7-0
FifoRxByteAddrPtr
r
n/a
Current value of RX databuffer pointer (address of last byte
written by Lora receiver)
RegModemConfig
3
(0x26)
7-4
Unused
r
0x00
3
MobileNode
rw
0x00
0  Use for static node
1  Use for mobile node
2
AgcAutoOn
rw
0x00
0  LNA gain set by register LnaGain
1  LNA gain set by the internal AGC loop
1-0
Reserved
rw
0x00
Reserved
(0x27) - (0x3F)
-
Reserved
r
n/a
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com