Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 103 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 103 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 121 page
background image
Page 103
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegFrLsb
(0x08)
7-0
Frf(7:0)
rwt
0x00
LSB of RF carrier frequency
f
= ----
(
--
X
----
O
-----
S
---
C
----
)
---⋅---
F
----
r
---
f
RF
2
19
Resolution is 61.035 Hz if F(XOSC) = 32 MHz. Default value is
0x6c8000 = 434 MHz. Register values must be modified only
when device is in SLEEP or STAND-BY mode.
Registers for RF blocks
RegPaConfig
(0x09)
7
PaSelect
rw
0x00
Selects PA output pin
0  RFO pin. Output power is limited to +14 dBm.
1  PA_BOOST pin. Output power is limited to +20 dBm
6-4
MaxPower
rw
0x04
Select max output power: Pmax=10.8+0.6*MaxPower [dBm]
3-0
OutputPower
rw
0x0f
Pout=Pmax-(15-OutputPower) if PaSelect = 0 (RFO pin)
Pout=17-(15-OutputPower)
if PaSelect = 1 (PA_BOOST pin)
RegPaRamp
(0x0A)
7-5
unused
r
-
unused
4
reserved
rw
0x00
reserved
3-0
PaRamp(3:0)
rw
0x09
Rise/Fall time of ramp up/down in FSK
0000  3.4 ms
0001  2 ms
0010  1 ms
0011  500 us
0100  250 us
0101  125 us
0110  100 us
0111  62 us
1000  50 us
1001  40 us
1010  31 us
1011  25 us
1100  20 us
1101  15 us
1110  12 us
1111  10 us
RegOcp
(0x0B
7-6
unused
r
0x00
unused
5
OcpOn
rw
0x01
Enables overload current protection (OCP) for PA:
0  OCP disabled
1  OCP enabled
4-0
OcpTrim
rw
0x0b
Trimming of OCP current:
Imax = 45+5*OcpTrim [mA] if OcpTrim <= 15 (120 mA) /
Imax = -30+10*OcpTrim [mA] if 15 < OcpTrim <= 27 (130 to
240 mA)
Imax = 240mA for higher settings
Default Imax = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com