Electronic Components Datasheet Search
  English  ▼

X  

RF96 Datasheet(PDF) 115 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 115 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 111Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 112Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 113Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 114Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 115Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 116Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 117Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 118Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 119Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 121 page
background image
Page 115
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
7.4. Top Sequencer: Beacon Mode
In this mode, a repetitive message is transmitted periodically. If the Payload being sent is always identical, and
PayloadLength
is smaller than the FIFO size, the use of the BeaconOn bit in RegPacketConfig2 together with the
Sequencer permit to achieve periodic beacon without any user intervention.
7.4.1. Timing diagram
In this mode, the Radio is switched to Transmit mode every TTimer1 + TTimer2 and back to Idle mode after PacketSent, as
shown in the diagram below. The Sequencer insures minimal time is spent in Transmit mode, and therefore power
consumption is optimized.
Beacon mode
Idle
Transmit
Idle ( Sleep + RC )
Transmit
Idle
Timer1
Timer2
Timer2
Timer1
Timer1
Packet
Sent
Packet
Sent
Figure 52. Beacon Mode Timing Diagram
7.4.2. Sequencer Configuration
The Beacon mode state machine is presented in the following graph. It is noticeable that the sequencer enters an infinite
loop and can only be stopped by setting SequencerStop bit in RegSeqConfig1.
State M achine
Sequencer Off
&
Initial mode = Sleep or Standby
Start
bit set
IdleMode
= 1 : Sleep
Start
FromStart
= 00
LowPower
Selection
LowPowerSelection
= 1
Idle
On T1
FromIdle
= 0
On PacketSent
FromTransmit
= 0
Transmit
Figure 53. Beacon Mode State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com