Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 98 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 98 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 121 page
background image
Page 98
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegIrqFlags1
(0x3e)
7
ModeReady
r
-
Set when the operation mode requested in Mode, is ready
- Sleep: Entering Sleep mode
- Standby: XO is running
- FS: PLL is locked
- Rx: RSSI sampling starts
- Tx: PA ramp-up completed
Cleared when changing the operating mode.
6
RxReady
r
-
Set in Rx mode, after RSSI, AGC and AFC.
Cleared when leaving Rx.
5
TxReady
r
-
Set in Tx mode, after PA ramp-up.
Cleared when leaving Tx.
4
PllLock
r
-
Set (in FS, Rx or Tx) when the PLL is locked.
Cleared when it is not.
3
Rssi
rwc
-
Set in Rx when the RssiValue exceeds RssiThreshold.
Cleared when leaving Rx or setting this bit to 1.
2
Timeout
r
-
Set when a timeout occurs
Cleared when leaving Rx or FIFO is emptied.
1
PreambleDetect
rwc
-
Set when the Preamble Detector has found valid Preamble.
bit clear when set to 1
0
SyncAddressMatch
rwc
-
Set when Sync and Address (if enabled) are detected.
Cleared when leaving Rx or FIFO is emptied.
This bit is read only in Packet mode, rwc in Continuous mode
RegIrqFlags2
(0x3f)
7
FifoFull
r
-
Set when FIFO is full (i.e. contains 66 bytes), else cleared.
6
FifoEmpty
r
-
Set when FIFO is empty, and cleared when there is at least 1 byte
in the FIFO.
5
FifoLevel
r
-
Set when the number of bytes in the FIFO strictly exceeds
FifoThreshold
, else cleared.
4
FifoOverrun
rwc
-
Set when FIFO overrun occurs. (except in Sleep mode)
Flag(s) and FIFO are cleared when this bit is set. The FIFO then
becomes immediately available for the next transmission /
reception.
3
PacketSent
r
-
Set in Tx when the complete packet has been sent.
Cleared when exiting Tx
2
PayloadReady
r
-
Set in Rx when the payload is ready (i.e. last byte received and
CRC, if enabled and CrcAutoClearOff is cleared, is Ok). Cleared
when FIFO is empty.
1
CrcOk
r
-
Set in Rx when the CRC of the payload is Ok. Cleared when FIFO
is empty.
0
LowBat
rwc
-
Set when the battery voltage drops below the Low Battery
threshold. Cleared only when set to 1 by the user.
IO control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com