Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 78 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 78 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 121 page
background image
Page 78
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
5.4. Transmitter Description
The transmitter of RF96/97/98 comprises the frequency synthesizer, modulator (both LoRaTM and FSK/OOK) and power
amplifier blocks, together with the DC biasing and ramping functionality that is provided through the VR_PA block.
5.4.1. Architecture Description
The architecture of the RF front end is shown in the following diagram.
Figure 40. RF Front-end Architecture Shows the Internal PA Configuration.
5.4.2. RF Power Amplifiers
PA_HF and PA_LF are high efficiency amplifiers capable of yielding RF power programmable in 1 dB steps from -4 to
+14dBm directly into a 50 ohm load with low current consumption. PA_LF covers the lower bands (up to 525 MHz), whilst
PA_HF will cover the upper bands (from 860 MHz). The output power is sensitive to the power supply voltage, and typically
their performance is expressed at 3.3V.
PA_HP (High Power), connected to the PA_BOOST pin, covers all frequency bands that the chip addresses. It permits
continuous operation at up to +17 dBm and duty cycled operation at up to +20dBm. For full details of operation at +20dBm
please consult Section 5.4.3
Table 77 Power Amplifier Mode Selection Truth Table
PaSelect
Mode
Power Range
Pout Formula
0
PA_HF or PA_LF on RFO_HF or RFO_LF
-4 to +15dBm
Pout=Pmax-(15-OutputPower)
Pmax=10.8+0.6*MaxPower [dBm]
1
PA_HP on PA_BOOST, any frequency
+2 to +17dBm
Pout=17-(15-OutputPower) [dBm]
Notes - For +20 dBm restrictions on operation please consult the following section.
- To ensure correct operation at the highest power levels ensure that the current limiter OcpTrim is adjusted to
permit delivery of the requisite supply current.
- If the PA_BOOST pin is not used it may be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com