Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 22 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 22 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
Page 22
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4. RF96/97/98 Digital Electronics
4.1. The LoRa
TM Modem
The LoRaTM modem uses spread spectrum modulation and forward error correction techniques to increase the range and
robustness of radio communication links compared to traditional FSK or OOK based modulation. Examples of the
performance improvement possible, for several possible settings, are summarised in the table below. Here the spreading
factor and error correction rate are design variables that allow the designer to optimise the trade-off between occupied
bandwidth, data rate, link budget improvement and immunity to interference.
Table 58 Example LoRa
TM Modem Performances
Bandwidth
(kHz)
Spreading Factor
Coding rate
Nominal Rb
(bps)
Sensitivity
indication
(dBm)
Frequency
Reference
10.4
6
4/5
782
TBC
TCXO
12
4/5
24
TBC
20.8
6
4/5
1562
TBC
12
4/5
49
TBC
62.5
6
4/5
4688
-121
XTAL
12
4/5
146
-139
125
6
4/5
9380
-118
12
4/5
293
-136
For European operation the range of crystal tolerances acceptable for each sub-band (of the ERC 70-03) is given in the
specifications table. For US based operation a frequency hopping mode is available that automates both the LoRaTM spread
spectrum and frequency hopping spread spectrum processes.
Another important facet of the LoRaTM modem is its increased immunity to interference. The LoRaTM modem is capable of
co-channel GMSK rejection of up to 25 dB. This immunity to interference permits the simple coexistence of LoRaTM
modulated systems either in bands of heavy spectral usage or in hybrid communication networks that use LoRaTM to extend
range when legacy modulation schemes fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com