Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 40 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 40 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Page 40
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
To illustrate this process and the respective consumption in each mode, the CAD process follows the sequence of events
outlined below:
Figure 12. Consumption Profile of the LoRa CAD Process
The receiver is then in full receiver mode for just over half of the activity detection, followed by a reduced consumption
processing phase where the consumption varies with the LoRa bandwidth as shown in the table below.
Table 62 LoRa CAD Consumption Figures
Bandwidth
(kHz)
Full Rx, IDDR_L
(mA)
Processing, IDDC_L
(mA)
7.8
To be
confirmed
10.4
15.6
20.8
31.2
41.7
62.5
125
10.8
5.6
250
11.6
6.5
500
13
8
4.1.5.1. Digital IO Pin Mapping
Six of RF96/97/98
‟s general purpose IO pins are available used in LoRaTM mode. Their mapping is shown below and
depends upon the configuration of registers RegDioMapping1 and RegDioMapping2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com