Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 63 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 63 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
Page 63
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Rx DATA
(NRZ)
Bit N-x =
Sync_value[x]
Bit N-1 =
Sync_value[1]
Bit N =
Sync_value[0]
DCLK
SyncAddressMatch
Figure 28. Sync Word Recognition
During the comparison of the demodulated data, the first bit received is compared with bit 7 (MSB) of RegSyncValue1 and
the last bit received is compared with bit 0 (LSB) of the last byte whose address is determined by the length of the Sync
word.
When the programmed Sync word is detected the user can assume that this incoming packet is for the node and can be
processed accordingly.
SyncAddressMatch
is cleared when leaving Rx or FIFO is emptied.
Configuration
Size: Sync word size can be set from 1 to 8 bytes (i.e. 8 to 64 bits) via SyncSize in RegSyncConfig. In Packet mode this
field is also used for Sync word generation in Tx mode.
Value: The Sync word value is configured in SyncValue(63:0). In Packet mode this field is also used for Sync word
generation in Tx mode.
Note
SyncValue choices containing 0x00 bytes are not allowed
Packet Handler
The packet handler is the block used in Packet mode. Its functionality is fully described in section 4.2.13.
Control
The control block configures and controls the full chip's behavior according to the settings programmed in the configuration
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com