Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 46 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 46 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 121 page
background image
Page 46
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Alternative OOK Demodulator Threshold Modes
In addition to the Peak OOK threshold mode, the user can alternatively select two other types of threshold detectors:
Fixed Threshold: The value is selected through OokFixedThresh
Average Threshold: Data supplied by the RSSI block is averaged, and this operation mode should only be used with
DC-free encoded data.
4.2.3.3. Bit Synchronizer
The bit synchronizer provides a clean and synchronized digital output based upon timing recovery information gleaned
from the received data edge transitions. Its output is made available on pin DIO1/DCLK in Continuous mode and can be
disabled through register settings. However, for optimum receiver performance, especially in Continuous receive mode, its
use is strongly advised.
The Bit Synchronizer is automatically activated in Packet mode. Its bit rate is controlled by BitRateMsb and BitRateLsb in
RegBitrate.
Raw demodulator
output
(FSK or OOK)
BitSync Output To
pin DATA and
DCLK in continuous
mode
DATA
DCLK
Figure 15. Bit Synchronizer Description
To ensure correct operation of the Bit Synchronizer, the following conditions have to be satisfied:
A preamble (0x55 or 0xAA) of at least 12 bits is required for synchronization, the longer the synchronization phase is the
better the ensuing packet detection rate will be.
The subsequent payload bit stream must have at least one edge transition (either rising or falling) every 16 bits during
data transmission.
The absolute error between transmitted and received bit rate must not exceed 6.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com