Electronic Components Datasheet Search
  English  ▼

X  

RF97 Datasheet(PDF) 104 Page - HOPE Microelectronics CO., Ltd.

Part # RF97
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF97 Datasheet(HTML) 104 Page - HOPE Microelectronics CO., Ltd.

Back Button RF97 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 106Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 107Page - HOPE Microelectronics CO., Ltd. RF97 Datasheet HTML 108Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 121 page
background image
Page 104
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Reset
LoRaTM Description
RegLna
(0x0C)
7-5
LnaGain
rwx
0x01
LNA gain setting:
000  not used
001  G1 = maximum gain
010  G2
011  G3
100  G4
101  G5
110  G6 = minimum gain
111  not used
4-3
LnaBoostLf
rw
0x00
Low Frequency (RFI_LF) LNA current adjustment
00  Default LNA current
Other  Reserved
2
reserved
rw
0x00
reserved
1-0
LnaBoostHf
rw
0x00
High Frequency (RFI_HF) LNA current adjustment
00  Default LNA current
11  Boost on, 150% LNA current
Lora
page registers
RegFifoAddrPtr
(0x0D)
7-0
FifoAddrPtr
rw
0x00
SPI interface address pointer in FIFO data buffer.
RegFifoTxBaseAd
dr
(0x0E)
7-0
FifoTxBaseAddr
rw
0x80
write base address in FIFO data buffer for TX modulator
RegFifoRxBaseAd
dr
(0x0F)
7-0
FifoRxBaseAddr
rw
0x00
read base address in FIFO data buffer for RX demodulator
RegFifoRxCurrent
Addr
(0x10)
7-0
FifoRxCurrentAddr
r
n/a
Start address (in data buffer) of last packet received
RegIrqFlagsMask
(0x11)
7
RxTimeoutMask
rw
0x00
Timeout interrupt mask: setting this bit masks the corresponding
IRQ in RegIrqFlags
6
RxDoneMask
rw
0x00
Packet reception complete interrupt mask: setting this bit masks
the corresponding IRQ in RegIrqFlags
5
PayloadCrcErrorMask
rw
0x00
Payload CRC error interrupt mask: setting this bit masks the
corresponding IRQ in RegIrqFlags
4
ValidHeaderMask
rw
0x00
Valid header received in Rx mask: setting this bit masks the
corresponding IRQ in RegIrqFlags
3
TxDoneMask
rw
0x00
FIFO Payload transmission complete interrupt mask: setting this
bit masks the corresponding IRQ in RegIrqFlags
2
CadDoneMask
rw
0x00
CAD complete interrupt mask: setting this bit masks the
corresponding IRQ in RegIrqFlags
1
FhssChangeChannelM
ask
rw
0x00
FHSS change channel interrupt mask: setting this bit masks the
corresponding IRQ in RegIrqFlags
0
CadDetectedMask
rw
0x00
Cad Detected Interrupt Mask: setting this bit masks the
corresponding IRQ in RegIrqFlags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com