Electronic Components Datasheet Search
  English  ▼

X  

ES8155 Datasheet(PDF) 15 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 15 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
15
6.1
Output Setting
6.1.1
Register 0x00 – LOUT1 Volume, Default 0100 0000
Bit Name
Bit
Description
LP_LOUT1
7
0 – normal (default)
1 – low power setting for LOUT1
PDN_LOUT1
6
0 – not power down
1 – power down LOUT1 (default)
LOUT1VOL
5:0
LOUT1 volume control
000000 – -45 dB (default)
000001 – -43.5 dB
000010 – -42 dB
…
011110 – 0 dB
011111 – 1.5 dB
…
100000 – 3 dB
6.1.2
Register 0x01 – ROUT1 Volume, Default 0100 0000
Bit Name
Bit
Description
LP_ROUT1
7
0 – normal (default)
1 – low power setting for ROUT1
PDN_ROUT1
6
0 – not power down
1 – power down ROUT1 (default)
ROUT1VOL
5:0
ROUT1 volume control
000000 – -45 dB (default)
000001 – -43.5 dB
000010 – -42 dB
…
011110 – 0 dB
011111 – 1.5 dB
…
100000 – 3 dB
6.1.3
Register 0x02 – LOUT2 Volume, Default 0100 0000
Bit Name
Bit
Description
LP_LOUT2
7
0 – normal (default)
1 – low power setting for LOUT2
PDN_LOUT2
6
0 – not power down
1 – power down LOUT2 (default)
LOUT2VOL
5:0
LOUT2 volume control
000000 – -45 dB (default)
000001 – -43.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com