Electronic Components Datasheet Search
  English  ▼

X  

ES8155 Datasheet(PDF) 28 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 28 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 26Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 27Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 28Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 29Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 30Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 31Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 32Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
28
MCLKSEL
3
Select internal master clock
0 – from MCLK pin (default)
1 – from PLL (to use PLL, make sure PLLEN=1, PLL_RB=1, otherwise, the setting will
close chip clock)
PLLOUT_DIV2
2
0 – divide disabled, PLL out clock is vcoout/4 (default)
1 – divide enabled, PLL out clock is vcoout/8
PLL_RB
1
0 – PLL held in reset (default)
1 – PLL running (if PLLEN=1)
PLL_EN
0
0 – PLL disabled (default)
1 – PLL enabled
6.6.3
Register 0x38 – PLL Control 3, Default 0000 0000
Bit Name
Bit
Description
DITH_MAG
6:4
Reserved
PLL_N
3:0
Integer part of PLL input/output frequency ratio; Use value greater than 5 and less than 13
6.6.4
Register 0x39 – PLL_K[21:16], Default 0000 0000
Bit Name
Bit
Description
PLL_K[21:16]
5:0
Fractional part of PLL input/output frequency ratio (treat as one 22-digital binary number)
6.6.5
Register 0x3A – PLL_K[15:8], Default 0000 0000
Bit Name
Bit
Description
PLL_K[15:8]
7:0
Fractional part of PLL input/output frequency ratio (treat as one 22-digital binary number)
6.6.6
Register 0x3B – PLL_K[7:0], Default 0000 0000
Bit Name
Bit
Description
PLL_K[7:0]
7:0
Fractional part of PLL input/output frequency ratio (treat as one 22-digital binary number)
7
Digital Audio Interface
The device provides four formats of serial audio data interface to the input of
the DAC through LRCK, SCLK and SDIN pins. The four formats are I
2S, left
justified, right justified and DSP/PCM mode. DAC input DSDIN is sampled by
ES8155 on the rising edge of DSCLK. The relationship of SDATA (SDIN),
SCLK and LRCK with the three formats is shown through Figure 3 to Figure 7.
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
LEFT CHANNEL
n-2 n-1
n
3
2
1
1 SCLK
MSB
LSB
RIGHT CHANNEL
SDATA
SCLK
LRCK
Figure 3 I
2S Serial Audio Data Format Up To 24-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com