Electronic Components Datasheet Search
  English  ▼

X  

ES8155 Datasheet(PDF) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 22 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 26Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
22
6.3.12 Register 0x17– SHELVING1_B[23:16], Default 1111 0111
Bit Name
Bit
Description
SHEV1_B[23:16]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.13 Register 0x18– SHELVING1_B[15:8], Default 1111 1101
Bit Name
Bit
Description
SHEV1_B[15:8]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.14 Register 0x19– SHELVING1_B[7:0], Default 1111 1111
Bit Name
Bit
Description
SHEV1_B[7:0]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.15 Register 0x1A– SHELVING2_A[29:24], Default 0001 1111
Bit Name
Bit
Description
SHEV2_A[29:24]
5:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.16 Register 0x1B SHELVING2_A[23:16], Default 1111 0111
Bit Name
Bit
Description
SHEV2_A[23:16]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.17 Register 0x1C– SHELVING2_A[15:8], Default 1111 1101
Bit Name
Bit
Description
SHEV2_A[15:8]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.18 Register 0x1D– SHELVING2_A[7:0], Default 1111 1111
Bit Name
Bit
Description
SHEV2_A[7:0]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.19 Register 0x1E– SHELVING2_B[29:24], Default 0001 1111
Bit Name
Bit
Description
SHEV2_B[29:24]
5:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.20 Register 0x1F– SHELVING2_B[23:16], Default 1111 0111
Bit Name
Bit
Description
SHEV2_B[23:16]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.21 Register 0x20– SHELVING2_B[15:8], Default 1111 1101
Bit Name
Bit
Description
SHEV2_B[15:8]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
6.3.22 Register 0x21 – SHELVING2_B[7:0], Default 1111 1111
Bit Name
Bit
Description
SHEV2_B[7:0]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com