Electronic Components Datasheet Search
  English  ▼

X  

ES8155 Datasheet(PDF) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 17 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 18Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 19Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
17
1 – power down OUT3 (default)
OUT3SW
5:4
OUT3 select
00 – VREF (default)
01 – ROUT1 signal
10 – MONOOUT
11 – Not Used
LP_ROUT2INV
3
0 – normal (default)
1 – low power setting for ROUT2INV
ROUT2INV
2
0 – no Inversion (default)
1 – ROUT2 signal inverted
6.1.7
Register 0x06 – Out Control 2, Default 0000 0000
Bit Name
Bit
Description
L2R2BOTH
1
1 – simultaneous load of LOUT2VOL and ROUT2VOL
0 – disable simultaneous load (default)
L1R1BOTH
0
1 – simultaneous load of LOUT1VOL and ROUT1VOL
0 – disable simultaneous load (default)
6.2
Mixer Setting
6.2.1
Register 0x07 – Left Mixer, Default 1111 1111
Bit Name
Bit
Description
LI2LOMU
7
1 – mute left line in to left out mixer (default)
0 – not mute
LI2LOVOL
6:4
Left line in to left out mixer volume control
000 – 6 dB
001 – 3 dB
010 – 0 dB
011 – -3 dB
100 – -6 dB
101 – -9 dB
110 – -12 dB
111 – -15 dB (default)
MI2LOMU
3
1 – mute microphone in to left out mixer (default)
0 – not mute
MI2LOVOL
2:0
Microphone in to left out mixer volume control
000 – 6 dB
001 – 3 dB
010 – 0 dB
011 – -3 dB
100 – -6 dB
101 – -9 dB
110 – -12 dB
111 – -15 dB (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com