Electronic Components Datasheet Search
  English  ▼

X  

ES8155 Datasheet(PDF) 24 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 24 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 20Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 21Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 22Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 23Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 26Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 27Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 28Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
24
01 – left data = left DAC, right data = left DAC
10 – left data = right DAC, right data = right DAC
11 – left data = right DAC, right data = left DAC
DACLRP
3
I2S/left justified/right justified case:
0 – L/R normal polarity (default)
Left / Right = High Level / Low Level (Left Justified, Right Justified)
Left / Right = Low Level / High Level (I2S)
1 – L/R invert polarity
Left / Right = Low Level / High Level (Left Justified, Right Justified)
Left / Right = High Level / Low Level (I2S)
DSP mode case:
0 – Mode A, MSB is available on 2
nd SCLK rising edge after LRCK rising edge
1 – Mode B, MSB is available on 1
st SCLK rising edge after LRCK rising edge
DACWL
2:0
Data word length
000 – 24-bit (default)
001 – 20-bit
010 – 18-bit
011 – 16-bit
100 – 32-bit
6.4.2
Register 0x2B – Digital Audio Interface 2, Default 0000 0001
Bit Name
Bit
Description
MCLKDIV2
4
0 – chip clock is MCLK (default)
1 – chip clock is MCLK divide by 2
SCLKINV
2
0 – normal (default)
1 – SCLK inverted
FSMODE
1
0 – single speed mode (default)
1 – double speed mode
DACMSC
0
1 – master mode serial port (default)
0 – slave mode serial port
6.4.3
Register 0x2C – Digital Audio Sample Rate, Default 0000 0110
Bit Name
Bit
Description
DACSR
4:0
DAC sample rate, MCLK frequency/LRCK frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com