Electronic Components Datasheet Search
  English  ▼

X  

TM1727 Datasheet(PDF) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1727
Description  LCD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1727 Datasheet(HTML) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1727 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 12Page - Shenzhen Putianhe Technology Co., Ltd TM1727 Datasheet HTML 13Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
L
LL
LC
CC
CD
DD
D 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1727
TM1727
TM1727
TM1727
www.szpth.com
- 9 -
ack();
//应答信号
for(num=0;num<20;num++)
//写入显存数据
{
write(d1);
//写入的数据
ack();
//应答信号
}
stop();
//停止信号
}
//********************************************************
void init()
//MCU初始化
{
P1=0XFF;
}
//********************************************************
void main(void)
//主程序
{
init();
//初始化
send_data(0xC0, 0xA5);
//设置首地址,并写入数据
send_cmd(0x27);
//设置显示控制命令 :1/3BASE,LINE模式,驱动5V
LCD屏。
while(1);
//循环等待
}
//********************程序结束***************************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com