Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 2Page - Leadtrend Technology LD5805GS Datasheet HTML 3Page - Leadtrend Technology LD5805GS Datasheet HTML 4Page - Leadtrend Technology LD5805GS Datasheet HTML 5Page - Leadtrend Technology LD5805GS Datasheet HTML 6Page - Leadtrend Technology LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology LD5805GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LD5805
06/15/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Block Diagram
Logic
GDRV
Q
R
S
COMP
GM
Vref
LEB
+0.55V
Oscillator
ILED= 1200/(RISET)
Current Limit
4
LED Short
LED Open
8.8V
0.1V
4
4
OVP
OVP 2
SCP
2.0V
2.6V
0.1V
LDO
Reference
Internal
V/I reference
Internal
Power supply
LDR
OVP
VIN
EN
VCC
ISET
GND
LED4
LED3
LED2
LED1
COMP
CS
RT
Protection
Logic
8
PWM
LPF
LED
Voltage
Detector
Vdc
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com