Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 17 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 17 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 10Page - Leadtrend Technology LD5805GS Datasheet HTML 11Page - Leadtrend Technology LD5805GS Datasheet HTML 12Page - Leadtrend Technology LD5805GS Datasheet HTML 13Page - Leadtrend Technology LD5805GS Datasheet HTML 14Page - Leadtrend Technology LD5805GS Datasheet HTML 15Page - Leadtrend Technology LD5805GS Datasheet HTML 16Page - Leadtrend Technology LD5805GS Datasheet HTML 17Page - Leadtrend Technology LD5805GS Datasheet HTML 18Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
LD5805
06/15/2015
17
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
DIP-16 (300mil)
Symbol
Dimension in Millimeter
Dimension in Inch
Min
Max
Min
Max
A
18.880
19.320
0.743
0.761
B
6.096
7.112
0.240
0.280
C
---
5.334
---
0.210
D
0.356
0.584
0.014
0.023
E
1.140
1.780
0.045
0.070
F
2.337
2.743
0.092
0.108
I
2.921
3.556
0.115
0.140
J
7.366
8.260
0.290
0.325
L
0.380
---
0.015
---
Important Notice
Leadtrend Technology Corp. reserves the right to make changes or corrections to its products at any time without notice. Customers
should verify the datasheets are current and complete before placing order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com