Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology LD5805GS Datasheet HTML 10Page - Leadtrend Technology LD5805GS Datasheet HTML 11Page - Leadtrend Technology LD5805GS Datasheet HTML 12Page - Leadtrend Technology LD5805GS Datasheet HTML 13Page - Leadtrend Technology LD5805GS Datasheet HTML 14Page - Leadtrend Technology LD5805GS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LD5805
06/15/2015
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Typical Performance Characteristics
Fig. 4
System Startup, PWM Duty=100%
Fig. 5
PWM Dimming, FPWM=200Hz, Duty=50%
Fig. 6
Analog Dimming, FPWM=20kHz, Duty=50%
Fig. 7
LED Short Protection , PWM Duty=100%
Fig. 8
LED Open Protection, PWM Duty=100%
Fig. 9
Over Temperature Protection, PWM Duty=100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com