Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 3Page - Leadtrend Technology LD5805GS Datasheet HTML 4Page - Leadtrend Technology LD5805GS Datasheet HTML 5Page - Leadtrend Technology LD5805GS Datasheet HTML 6Page - Leadtrend Technology LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology LD5805GS Datasheet HTML 10Page - Leadtrend Technology LD5805GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LD5805
06/15/2015
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Absolute Maximum Ratings
VIN, EN
40V
LED1 to LED4,
-0.3V ~ 85V
CS
-0.3V ~ 60V
LDR, VCC, LPF
-0.3V ~ 16V
PWM, COMP, RT, ISET, OVP
-0.3V ~ 5.5V
GND
+/-0.3V
ILED1 to ILED4
400mA
Package Thermal Resistance
SOP-16,
JA
110
C/W
TSSOP-EP-16,
JA
60
C/W
DIP-16,
JA
80
C/W
Power Dissipation (Ta=85
C, T
J=125C)
SOP-16
363mW
TSSOP-EP-16
666mW
DIP-16
500Mw
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Lead Temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
(1)
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
Input Supply Voltage
6
36
V
PWM, EN
0
5
V
ILED1 to ILED4
(2)
60
250
mA
Switching Frequency
100
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com