Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 10Page - Leadtrend Technology LD5805GS Datasheet HTML 11Page - Leadtrend Technology LD5805GS Datasheet HTML 12Page - Leadtrend Technology LD5805GS Datasheet HTML 13Page - Leadtrend Technology LD5805GS Datasheet HTML 14Page - Leadtrend Technology LD5805GS Datasheet HTML 15Page - Leadtrend Technology LD5805GS Datasheet HTML 16Page - Leadtrend Technology LD5805GS Datasheet HTML 17Page - Leadtrend Technology LD5805GS Datasheet HTML 18Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LD5805
06/15/2015
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
capacitor determine the loop stability. The inductor and
output capacitor are chosen based on the performance,
size and cost. The compensation resistor and capacitor
at COMP are selected to optimize control loop stability.
Thermal protection
Thermal protection limits total power dissipation in this
device. When the junction temperature reaches 150
C
approximately, the thermal sensor signals the shutdown
logic turning off this device. The thermal sensor will turn
this device on again after the IC
’s junction temperature
cools by 20
C.
PCB Layout Guideline
It’s recommended to separate the high frequency
switching current from the low-level control signals in
layout. The high switching current (MOSFET, inductor,
LDR driver and LED return ends) may disturb the other
low-level signals in the feedback loop and protection
circuitry. As a result, it may cause the control function to
behave abnormally. To avoid these issues, a few
guidelines are recommended for the PCB layout, as
below.
1. VCC bypass capacitor connected with signal ground
must be placed as close as possible to the IC. The
traces between capacitor and VCC pin should be
kept as short as possible to avoid noise interference.
2. VIN bypass capacitor connected with signal ground
must be placed as close as possible to the IC. The
traces between capacitor and VIN pin should be kept
as short as possible to avoid noise interference.
3. Use broader traces for VIN, VOUT and power
ground. Components such as the power MOSFET
and decoupling capacitors connected to VIN, VOUT
and power ground, have high input/output current.
To minimize power loss in these traces, the
resistance of traces should be kept as low as
possible.
4. Use broader traces between power MOSFET drain,
inductor and diode. There is high current in these
traces. To minimize power loss in these traces, the
resistance of traces should be kept as low as
possible.
5. Keep the LDR drive traces short and board between
the IC driver output, LDR pin, and the power
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com