Electronic Components Datasheet Search
  English  ▼

X  

LD5805GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD5805GS Datasheet HTML 5Page - Leadtrend Technology LD5805GS Datasheet HTML 6Page - Leadtrend Technology LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology LD5805GS Datasheet HTML 10Page - Leadtrend Technology LD5805GS Datasheet HTML 11Page - Leadtrend Technology LD5805GS Datasheet HTML 12Page - Leadtrend Technology LD5805GS Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LD5805
06/15/2015
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Electrical Characteristics
(VIN=12V, TA=25C, unless otherwise noted.)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Input Power
Input Voltage range
6
36
V
VIN Operating Current
EN=PWM=5V
IQVIN
6
15
mA
VIN Shutdown Current
EN=PWM=0V
IVI_OFF
10
15
uA
Under Voltage Lockout
Turn ON Level
UVLO(ON)
VIN_ON
6.5
V
Turn OFF Level
UVLO(OFF)
VIN_OFF
4
V
Hysteresis
UVLO_HYS
0.2
0.45
0.7
V
LDO Regulator
LDO output voltage for VCC pin
VIN >12V
VVCC
9
10
11
V
VCC Output Current Capability
VIN >12V
IVCC
15
mA
Drive Logic
DRV Output Clamp Level
VIN >12V
VDRV_H
9
10
11
V
DRV Output Rise Time
CDRV=1nF, VIN ≥ 12V, *
Tr_DRV
25
45
65
ns
DRV Output Fall Time
CDRV=1nF, VIN ≥ 12V, *
Tf_DRV
10
30
50
ns
LED Current Regulation
Absolute tolerance of regulation LED
Current per Channel,
ILEDX (mA)= 1200 / RISET(k)
ISET=12Kohm
ILED
97
100
103
mA
LEDs Current Matching
Calculating (I(MAX)-I(MIN))/2xIAveragex100%
LED current= 100mA
MATCH
±2.7
%
Absolute Tolerance of Regulation LED
Current per Channel at Minimum
Dimming
ISET=12Kohm
ADIM=0V
ILEDA0_CAL
2
6
%
LEDs Current Matching
Calculating at Minimum Dimming
(I(MAX)-I(MIN))/2xIAveragex100%
ISET=12Kohm
ADIM=0V
MATCH0
+/-3
+/-5
%
LED regulation voltage
ILED=100mA/per
channel
VLEDRG
0.45
V
Boost Controller
Switching frequency
100
500
kHz
Operating Frequency
RRT =148 k
FSW200
189
210
231
kHz
Boost Maximum duty cycle
FSW=210kHz
DMAX
85
95
%
Leading edge blanking time
TLEB
200
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com