Electronic Components Datasheet Search
  English  ▼

X  

Z86C34 Datasheet(PDF) 68 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 68 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Z86C34 Datasheet HTML 64Page - Zilog, Inc. Z86C34 Datasheet HTML 65Page - Zilog, Inc. Z86C34 Datasheet HTML 66Page - Zilog, Inc. Z86C34 Datasheet HTML 67Page - Zilog, Inc. Z86C34 Datasheet HTML 68Page - Zilog, Inc. Z86C34 Datasheet HTML 69Page - Zilog, Inc. Z86C34 Datasheet HTML 70Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
68
P R E L I M I N A R Y
DS007601-Z8X0499
PRECAUTIONS (Continued)
PRECAUTIONS
1. Enabling the transmit interrupt (bit 0 in the ASCI
STAT register) does not make the device ready for
transmitter-related interrupts. The receiver interrupt
(bit 3 in the ASCI STAT register) must also be enabled.
Workaround: For transmit interrupts to be generated,
the RIE bit must also be set. When IRQ3 is generated,
the software should check the STAT register for
details on the interrupt source.
2. When using the device in full-duplex mode under in-
terrupts (both transmit and receive interrupts enabled),
a small window exists where a transmit or receive in-
terrupt may be lost. This situation occurs when an in-
terrupt is generated by one side (either the transmitter
or receiver) and, before the interrupt is serviced, an-
other interrupt is generated by the other side. The sec-
ond interrupt may be lost.
Workaround: The only workaround is not to use
transmitter interrupts when using the ASCI in full-
duplex mode. Use the transmitter in polled mode and
the receiver in interrupt mode for full duplex
operation. In half-duplex operation, this anomaly does
not create a problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com