Electronic Components Datasheet Search
  English  ▼

X  

Z86C34 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 22Page - Zilog, Inc. Z86C34 Datasheet HTML 23Page - Zilog, Inc. Z86C34 Datasheet HTML 24Page - Zilog, Inc. Z86C34 Datasheet HTML 25Page - Zilog, Inc. Z86C34 Datasheet HTML 26Page - Zilog, Inc. Z86C34 Datasheet HTML 27Page - Zilog, Inc. Z86C34 Datasheet HTML 28Page - Zilog, Inc. Z86C34 Datasheet HTML 29Page - Zilog, Inc. Z86C34 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
26
P R E L I M I N A R Y
DS007601-Z8X0499
PIN FUNCTIONS (Continued)
Port 3 (P37–P30).
Port 3 is an 8-bit, CMOS-compatible
port, with four fixed inputs (P33–P30) and four fixed out-
puts (P34–P37). It is configured under software control for
Input/Output, Counter/Timers, interrupt, port handshake,
and Data Memory functions. Port 3, bit 0 input is Schmitt-
triggered, and pins P31, P32, and P33 are standard CMOS
inputs (no Auto Latches). Pins P34, P35, P36, P37 are push-
pull output lines. Low-EMI output buffers can be globally
programmed by the software.
Two onboard comparators can process analog signals on
P31
and P32 with reference to the voltage on P33. The an-
alog function is enabled by programming Port 3 Mode Reg-
ister (P3M bit 1). For Interrupt functions, Port 3, bit 0 and
pin 3 are falling edge interrupt inputs. P31 and P32 are pro-
grammable as rising, falling, or both edge triggered inter-
rupts (IRQ register Bits 6 and 7). P33 is the comparator ref-
erence voltage input when in Analog mode. Access to
Counter/Timers 1 is made through P31 (TIN) and P36
(TOUT). Handshake lines for Ports 0, 1, and 2 are available
on P31 through P36.
Port 3 also provides the following control functions: hand-
shake for Ports 0, 1, and 2 (DAV and RDY); four external
interrupt request signals (IRQ3–IRQ0); timer input and out-
put signals (TIN and TOUT); Data Memory Select (DM, see
Table 10 and Figure 15).
P34
output can be software-programmed to function as a
Data Memory Select (DM). The Port 3 mode register (P3M)
Bit D3,D4 selects this function. When accessing external
Data Memory, the P34 goes active Low; when accessing
external Program Memory, the P34 goes High.
An onboard UART (ASCI) can be enabled by software by
setting the RE and TE bits of the ASCI Control Register A
(CNTLA). When enabled, P30 is the receive input and P37
is the transmit output.
Comparator Inputs and Outputs.
Port 3, pins P31 and
P32
each feature a comparator front end. The comparator
reference voltage, pin P33, is common to both comparators.
In analog mode, the P31 and P32 are the positive inputs to
the comparators and P33 is the reference voltage supplied
to both comparators. In digital mode, pin P33 can be used
as a P33 register input or IRQ1 source. P34 and P37 outputs
the comparator outputs by software-programming the
PCON
Register Bit D0 to 1 (see Figure 16).
Note: The user must add a two-NOP delay after selecting the
P3M
bit D1 to 1 before the comparator output is valid.
IRQ0
, IRQ1, and IRQ2 should be cleared in the IRQ reg-
ister when the comparator is enabled or disabled.
Table 10. Port 3 Pin Assignments
Pin
I/O
CTC1
Analog
Int.
P0 HS
P1 HS
P2 HS
Ext
UART
P30
IN
IRQ3
RX
P31
IN
TIN
AN1
IRQ2
D/R
P32
IN
AN2
IRQ0
D/R
P33
IN
REF
IRQ1
D/R
P34
OUT
AN1–OUT
R/D
DM
P35
OUT
R/D
P36
OUT
TOUT
R/D
P37
OUT
AN2–OUT
TX
Notes:
HS = Handshake Signals
D = DAV
R = RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com