Electronic Components Datasheet Search
  English  ▼

X  

Z86C34 Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 14Page - Zilog, Inc. Z86C34 Datasheet HTML 15Page - Zilog, Inc. Z86C34 Datasheet HTML 16Page - Zilog, Inc. Z86C34 Datasheet HTML 17Page - Zilog, Inc. Z86C34 Datasheet HTML 18Page - Zilog, Inc. Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Z86C34 Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
18
P R E L I M I N A R Y
DS007601-Z8X0499
AC ELECTRICAL CHARACTERISTICS (Continued)
12 Twdt
Watch-Dog
Timer Delay
Timer before
time-out
3.0V
7
7
7
7
ms
9
0,0
5.5V
3.5
3.5
3.5
3.5
ms
9
0,0
3.0V
14
14
14
14
ms
9
0,1
5.5V
7
7
7
7
ms
9
0,1
3.0V
28
28
28
28
ms
9
1,0
5.5V
14
14
14
14
ms
9
1,0
3.0V
112
112
112
112
ms
9
1,1
5.5V
56
56
56
56
ms
9
1,1
13 TPOR
Power-On
Reset Delay
3.0V
3
24
3
24
3
25
3
25
ms
5.5V
1.5
13
1.5
13
1
14
1
14
ms
Table 7. Additional Timing (SCLK/TCLK = XTAL/2) (Continued)
TA = 0ºC to +70ºC
TA = –40ºC to +105ºC
12 MHz
16 MHz
12 MHz
16 MHz
No Symbol
Parameter
VCC
1
Min
Max
Min
Max
Min
Max
Min
Max
Units Notes D1,D0
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ± 0.3V, and the VCC voltage specification of 5.5V guarantees 5.0V
± 0.5V.
2. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
3. SMR D1 = 0.
4. Maximum frequency for external XTAL clock is 4 MHz when using low-EMI Oscillator mode PCON Reg.D7 = 0.
5. Interrupt request via Port 3 (P31–P33).
6. Interrupt request via Port 3 (P30).
7. SMR–D5 = 1, POR STOP Mode Delay is on.
8. For RC and LC oscillator, and for oscillator driven by clock driver.
9. Register WDTMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com