Electronic Components Datasheet Search
  English  ▼

X  

Z86C34 Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 13Page - Zilog, Inc. Z86C34 Datasheet HTML 14Page - Zilog, Inc. Z86C34 Datasheet HTML 15Page - Zilog, Inc. Z86C34 Datasheet HTML 16Page - Zilog, Inc. Z86C34 Datasheet HTML 17Page - Zilog, Inc. Z86C34 Datasheet HTML 18Page - Zilog, Inc. Z86C34 Datasheet HTML 19Page - Zilog, Inc. Z86C34 Datasheet HTML 20Page - Zilog, Inc. Z86C34 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
17
Table 7. Additional Timing (SCLK/TCLK = XTAL/2)
TA = 0ºC to +70ºC
TA = –40ºC to +105ºC
12 MHz
16 MHz
12 MHz
16 MHz
No Symbol
Parameter
VCC
1
Min
Max
Min
Max
Min
Max
Min
Max
Units Notes D1,D0
1
TpC
Input Clock
Period
3.0V
83
DC
62.5
DC
83
DC
62.5
DC
ns
2,3,4
5.5V
83
DC
62.5
DC
83
DC
62.5
DC
ns
2,3,4
3.0V
250
DC
250
DC
250
DC
250
DC
ns
2,3
5.5V
250
DC
250
DC
250
DC
250
DC
ns
2,3
2
TrC,TfC
Clock Input
Rise & Fall
Times
3.0V
15
15
15
15
ns
2,3
5.5V
15
15
15
15
ns
2,3
3
TwC
Input Clock
Width
3.0V
41
31
41
31
ns
2,3,4
5.5V
41
31
41
31
ns
2,3,4
3.0V
125
125
125
125
ns
2,3
5.5V
125
125
125
125
ns
2,3
4
TwTinL
Timer Input
Low Width
3.0V
100
100
100
100
ns
2,3
5.5V
70
70
70
70
ns
2,3
5
TwTinH
Timer Input
High Width
3.0V
5TpC
5TpC
5TpC
5TpC
2,3
5.5V
5TpC
5TpC
5TpC
5TpC
2,3
6
TpTin
Timer Input
Period
3.0V
8TpC
8TpC
8TpC
8TpC
2,3
5.5V
8TpC
8TpC
8TpC
8TpC
2,3
7
TrTin,
TfTin
Timer Input
Rise & Fall
Timer
3.0V
100
100
100
100
ns
2,3
5.5V
100
100
100
100
ns
2,3
8A TwIL
Int. Request
Low Time
3.0V
100
100
100
100
ns
2,3,5
5.5V
70
70
70
70
ns
2,3,5
8B TwIL
Int. Request
Low Time
3.0V
5TpC
5TpC
5TpC
5TpC
2,3,6
5.5V
5TpC
5TpC
5TpC
5TpC
2,3,6
9
TwIH
Int. Request
Input High
Time
3.0V
5TpC
5TpC
5TpC
5TpC
2,3,5
5.5V
5TpC
5TpC
5TpC
5TpC
2,3,5
10 Twsm
Stop-Mode
Recovery
Width Spec
3.0V
12
12
12
12
ns
7
5.5V
12
12
12
12
ns
7
11 Tost
Oscillator
Startup Time
3.0V
5TpC
5TpC
5TpC
5TpC
7,8
5.5V
5TpC
5TpC
5TpC
5TpC
7,8
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.3V ± 0.3V, and the VCC voltage specification of 5.5V guarantees 5.0V
± 0.5V.
2. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
3. SMR D1 = 0.
4. Maximum frequency for external XTAL clock is 4 MHz when using low-EMI Oscillator mode PCON Reg.D7 = 0.
5. Interrupt request via Port 3 (P31–P33).
6. Interrupt request via Port 3 (P30).
7. SMR–D5 = 1, POR STOP Mode Delay is on.
8. For RC and LC oscillator, and for oscillator driven by clock driver.
9. Register WDTMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com