Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FP6166 Datasheet HTML 1Page - Feeling Technology Corp. FP6166 Datasheet HTML 2Page - Feeling Technology Corp. FP6166 Datasheet HTML 3Page - Feeling Technology Corp. FP6166 Datasheet HTML 4Page - Feeling Technology Corp. FP6166 Datasheet HTML 5Page - Feeling Technology Corp. FP6166 Datasheet HTML 6Page - Feeling Technology Corp. FP6166 Datasheet HTML 7Page - Feeling Technology Corp. FP6166 Datasheet HTML 8Page - Feeling Technology Corp. FP6166 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FP6166
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
3/19
Pin Descriptions
MSOP-10L (EP)
DFN-10L(EP)
Name
No. I / O
Description
FB1
1
I
First Channel Feedback
RUN1
2
I
First Channel Enable
VIN
3
P
IC Power Supply
SW1
4
O First Channel Switch Output
GND
5
P
Ground
MODE /
SYNC
6
I
Mode Selection, Oscillator
Synchronization
SW2
7
O Second Channel Switch Output
PG
8
O Power Good
RUN2
9
I
Second Channel Enable
FB2
10
I
Second Channel Feedback
EP
11
P
Exposed PAD – connect to Ground
Name
No. I / O
Description
FB1
1
I
First Channel Feedback
RUN1
2
I
First Channel Enable
VIN
3
P
IC Power Supply
SW1
4
O First Channel Switch Output
GND
5
P
Ground
MODE /
SYNC
6
I
Mode Selection, Oscillator
Synchronization
SW2
7
O Second Channel Switch Output
PG
8
O Power Good
RUN2
9
I
Second Channel Enable
FB2
10
I
Second Channel Feedback
EP
11
P
Exposed PAD – connect to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com