Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP6166 Datasheet HTML 1Page - Feeling Technology Corp. FP6166 Datasheet HTML 2Page - Feeling Technology Corp. FP6166 Datasheet HTML 3Page - Feeling Technology Corp. FP6166 Datasheet HTML 4Page - Feeling Technology Corp. FP6166 Datasheet HTML 5Page - Feeling Technology Corp. FP6166 Datasheet HTML 6Page - Feeling Technology Corp. FP6166 Datasheet HTML 7Page - Feeling Technology Corp. FP6166 Datasheet HTML 8Page - Feeling Technology Corp. FP6166 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FP6166
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
1/19
General Description
The FP6166 is a high efficiency current mode dual synchronous buck PWM DC-DC regulator.
The internal generated 0.6V precision feedback reference voltage is designed for low output voltage.
Low RDS (ON) synchronous switch dramatically reduces conduction loss. To extend battery life for
portable application, 100% duty cycle is supported for low-dropout operation. Shutdown mode also
helps saving the current consumption. The FP6166 is packaged in MSOP-10L (EP) and DFN-10L (EP)
to reduce PCB space.
Features
Input Voltage Range: 2.5 to 5.5V
Adjustable Output Voltage From 0.6V to VIN
Precision Feedback Reference Voltage: 0.6V (±2%)
Output Current: 1A (Max.) each channel
Duty Cycle: 0~100%
Internal Fixed PWM Frequency: 1.5MHz
Low Quiescent Current: 190μA
No Schottky Diode Required
Built-in Soft Start
Current Mode Operation
Over temperature Protection
Package: MSOP-10L (EP), DFN-10L (EP)
Applications
Cellular Telephone
Wireless and DSL Modems
Digital Still Cameras
Portable Products
MP3 Players


Similar Part No. - FP6166

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
FP6166S5CTR FITIPOWER-FP6166S5CTR Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results

Similar Description - FP6166

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com