Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 13 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 13 Page - Feeling Technology Corp.

Back Button FP6166 Datasheet HTML 9Page - Feeling Technology Corp. FP6166 Datasheet HTML 10Page - Feeling Technology Corp. FP6166 Datasheet HTML 11Page - Feeling Technology Corp. FP6166 Datasheet HTML 12Page - Feeling Technology Corp. FP6166 Datasheet HTML 13Page - Feeling Technology Corp. FP6166 Datasheet HTML 14Page - Feeling Technology Corp. FP6166 Datasheet HTML 15Page - Feeling Technology Corp. FP6166 Datasheet HTML 16Page - Feeling Technology Corp. FP6166 Datasheet HTML 17Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FP6166
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
13/19
Output Voltage Programming
In the adjustable version, the output voltage is set using a resistive voltage divider from the output
voltage to FB. The output voltage is:


2
1
O
R
R
1
V
6
.
0
V
The recommended resistor value is summarized below:
PC Board Layout Checklist
1. The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept
short, direct and wide.
2. Place CIN near VIN Pin as closely as possible. To maintain input voltage steady and filter out
the pulsing input current.
3. The resistive divider R1and R2 must be connected to FB pin directly as closely as possible.
4. FB is a sensitive node. Please keep it away from switching node, SW. A good approach is to
route the feedback trace on another layer and to have a ground plane between the top layer
and the layer on which the feedback trace is routed. This reduces EMI radiation on to the
DC-DC converter’s own voltage feedback trace.
5. Keep the GND plates of CIN and COUT as close as possible. Then connect this to the
ground-plane (if one is used) with several vias. This reduces ground plane noise by preventing
the switching currents from circulating through the ground plane. It also reduces ground
bounce at the FP6166 by giving it a low impedance ground connection.
VOUT (V)
R1 (Ω)
R2 (Ω)
C3 (F)
0.6
200k
Not Used
Not Used
1.2
200k
200k
10p
1.5
300k
200k
10p
1.8
200k
100k
10p
2.5
270k
85k
10p
3.3
306k
68k
10p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com