Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP6166 Datasheet HTML 7Page - Feeling Technology Corp. FP6166 Datasheet HTML 8Page - Feeling Technology Corp. FP6166 Datasheet HTML 9Page - Feeling Technology Corp. FP6166 Datasheet HTML 10Page - Feeling Technology Corp. FP6166 Datasheet HTML 11Page - Feeling Technology Corp. FP6166 Datasheet HTML 12Page - Feeling Technology Corp. FP6166 Datasheet HTML 13Page - Feeling Technology Corp. FP6166 Datasheet HTML 14Page - Feeling Technology Corp. FP6166 Datasheet HTML 15Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FP6166
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
11/19
Application Information
Input capacitor Selection
The input capacitor must be connected to the VIN pin and GND pin of the FP6166 to maintain
steady input voltage and filter out the pulsing input current. The voltage rating of input capacitor must
be greater than maximum input voltage plus ripple voltage.
In switch mode, the input current is discontinuous in a buck converter. The source current of the
high-side MOSFET is a square wave. To prevent large voltage transients, a low ESR input capacitor
sized for the maximum RMS current must be used. The RMS value of input capacitor current can be
calculated by:


IN
O
IN
O
MAX
_
O
RMS
V
V
1
V
V
I
I
It can be seen that when VO is half of VIN, CIN is under the worst current stress. The worst current
stress on CIN is IO_MAX/2.
Inductor Selection
The value of the inductor is selected based on the desired ripple current. Large inductance gives
low inductor ripple current and small inductance result in high ripple current. However, the larger value
inductor has a larger physical size, higher series resistance, and/or lower saturation current. In
experience, the value is to allow the peak-to-peak ripple current in the inductor to be 10%~20%
maximum load current. The inductance value can be calculated by:

IN
O
O
O
IN
IN
O
L
O
IN
V
V
I
%)
20
~
%
10
(
2
f
)
V
V
(
V
V
I
f
)
V
V
(
L
The inductor ripple current can be calculated by:


IN
O
O
L
V
V
1
L
f
V
I
Choose an inductor that does not saturate under the worst-case load conditions, which is the
load current plus half the peak-to-peak inductor ripple current, even at the highest operating
temperature. The peak inductor current is:
2
I
I
I
L
O
PEAK
_
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com