Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FP6166 Datasheet HTML 4Page - Feeling Technology Corp. FP6166 Datasheet HTML 5Page - Feeling Technology Corp. FP6166 Datasheet HTML 6Page - Feeling Technology Corp. FP6166 Datasheet HTML 7Page - Feeling Technology Corp. FP6166 Datasheet HTML 8Page - Feeling Technology Corp. FP6166 Datasheet HTML 9Page - Feeling Technology Corp. FP6166 Datasheet HTML 10Page - Feeling Technology Corp. FP6166 Datasheet HTML 11Page - Feeling Technology Corp. FP6166 Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FP6166
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
8/19
Typical Operating Characteristics (VIN=3.6V,TA= 25°C, unless otherwise noted)
Supply Current vs. VIN
120
122
124
126
128
130
132
134
136
138
140
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
85
℃
25
℃
-45
℃
VFB=0.5V
Supply Current vs. VIN
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
85
℃
25
℃
-45
℃
Shutdown
Reference Voltage vs. Temperature
0.595
0.596
0.597
0.598
0.599
0.6
0.601
0.602
-60 -50 -40 -30 -20 -10 0
102030405060708090
Temperature (
℃)
VIN=3.6V
Frequency vs. Temerature
1.47
1.475
1.48
1.485
1.49
1.495
1.5
1.505
1.51
1.515
1.52
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
Temperature(
℃)
VIN =3.6V
Supply Current vs. VIN
60
62
64
66
68
70
72
74
76
78
80
22.5
33.544.5
55.5
6
VIN (V)
85℃
25℃
-45℃
VFB=0.65V
Line Regulation
0.585
0.59
0.595
0.6
0.605
0.61
22.533.5
4
4.5
5
5.5
6
VIN (V)
TA=25℃
Frequency vs. VIN
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
22.533.5
44.555.5
6
VIN (V)
TA=25℃
SWITCH LEAKAGE vs. INPUT VOLTAGE
0
0.2
0.4
0.6
0.8
1
1.2
1234
567
VIN (V)
SYNCHRONOU
MAIN SWITCH
TA=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com