Electronic Components Datasheet Search
  English  ▼

X  

FP6166 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP6166
Description  Dual 1.5MHz, 1A Synchronous Step-Down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6166 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP6166 Datasheet HTML 6Page - Feeling Technology Corp. FP6166 Datasheet HTML 7Page - Feeling Technology Corp. FP6166 Datasheet HTML 8Page - Feeling Technology Corp. FP6166 Datasheet HTML 9Page - Feeling Technology Corp. FP6166 Datasheet HTML 10Page - Feeling Technology Corp. FP6166 Datasheet HTML 11Page - Feeling Technology Corp. FP6166 Datasheet HTML 12Page - Feeling Technology Corp. FP6166 Datasheet HTML 13Page - Feeling Technology Corp. FP6166 Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FP6166
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.65
10/19
Synchronous Mode
When the MODE / SYNC pin is connected to a clock, chip’s SW outputs will be synchronized to it
automatically. The synchronous range is from 0.5~1.5 time input clock frequency. In this mode,
pulse skip mode is selected automatically.
Over Current Protection
FP6166 limits the peak main switch current cycle by cycle. When over current happens, chip will
turn off the main switch and turn the synchronous switch on until next cycle.
Short Circuit Protection
When the FB pin drops below 300mV, the chip will tri-state the output pin SW automatically. After
300us rest to avoid over heating, chip will re-initiate PWM operation with soft start.
Thermal Protection
FP6166 will shutdown automatically when the internal junction temperature reaches 150°C to
protect both the part and the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com