Electronic Components Datasheet Search
  English  ▼

X  

DK708 Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # DK708
Description  8 Channel Band Self-calibration Function Soluble Touch Detector (Improved Version)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

DK708 Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

  DK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
*注意
注意
注意
注意 : 超出上述额定值可能导致芯片工作不正常并且导致芯片的永久损坏。
电气特性
电气特性
电气特性
电气特性
TA = 25
= 25
= 25
= 25℃
Characteristics
Characteristics
Characteristics
Symbol
Symbol
Symbol
Condition
Condition
Condition
Min
Min
Min
Typ
Typ
Typ
Max
Max
Max
Units
Units
Units
Characteristics
Symbol
Condition
Min
Typ
Max
Units
Operating Voltage
Vdd
2.1
6.5
V
Normal Current consumption
Ind
VDD=5.0V
220
uA
Idle Current consumption
Iid
VDD=5.0v
10
uA
Output Impedance
( open drain )
Zo
delta Cs > 0.2pF
delta Cs < 0.2pF
20
100M
Ohm
Output Sink Current
Isk
VDD=5V,
10.0
mA
Input capacitance range
Cs
0
80
pF
Minimum detective
capacitance
delta_Cs
Cs = 5pF
0.2
pF
应用线路
应用线路
应用线路
应用线路
注意:
1.RESET为低电平复位,内部有上拉电阻。如果客户对复位时间有特殊要求可以外部接上
DK708 8 通道带自校正功能的容性触摸感应器
DK708 Spec V1.0
Tel:400-033-6518
www.linkage.cn
sal
e@linkage.cnTel:400-033-6518
www.linkage.cn
sal
e@linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com