Electronic Components Datasheet Search
  English  ▼

X  

DK708 Datasheet(PDF) 7 Page - Linkage Goston Electronics Co., LTD

Part # DK708
Description  8 Channel Band Self-calibration Function Soluble Touch Detector (Improved Version)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

DK708 Datasheet(HTML) 7 Page - Linkage Goston Electronics Co., LTD

  DK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
拉电阻和到GND的电容,当上电比较慢时(大约50MS),C*和R*建议用470NF和200K,普通
上电时(10MS以内),用100NF和200K即可。
2.ASEL是I2C通信的地址设置端口,如果系统中只有一片DK708,该端口接RESET端口即
可。此时,主机读命令应设为C5H。
3.CIN0~CIN7为灵敏度设置端口,外接到地电容。电容取值的范围是0pf到50pf。
4.MD接VDD时对应普通灵敏度非锁存输出模式;MD接GND时对应普通灵敏度锁存输出;
MD接1/2VDD对应高灵敏度非锁存输出。
5.OUT0~OUT7接MCU的IO端口时建议串联500~1K左右的电阻
6.SCL和SDA和MCU的IO端口建议串联500~1K左右的电阻。如果不使用I2C通信,SDA接
低电平可以使芯片不进入省电模式
封装型式
封装型式
封装型式
封装型式 ( SOP-24 )
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Nom
Max
Min
Nom
Max
A
2.35
2.50
2.65
0.093
0.098
0.104
A1
0.10
0.20
0.30
0.004
0.008
0.012
b
--
0.40
--
--
0.016
--
C
--
0.25
--
--
0.010
--
D
15.10
15.40
15.70
0.594
0.606
0.618
E
7.35
7.50
7.65
0.289
0.295
0.301
DK708 8 通道带自校正功能的容性触摸感应器
DK708 Spec V1.0
Tel:400-033-6518
www.linkage.cn sale@linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com