Electronic Components Datasheet Search
  English  ▼

X  

DK708 Datasheet(PDF) 8 Page - Linkage Goston Electronics Co., LTD

Part # DK708
Description  8 Channel Band Self-calibration Function Soluble Touch Detector (Improved Version)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

DK708 Datasheet(HTML) 8 Page - Linkage Goston Electronics Co., LTD

  DK708 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD DK708 Datasheet HTML 9Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
e
--
1.27
--
--
0.050
--
H
10.15
10.45
10.75
0.400
0.411
0.423
K
--
0.50
--
--
0.020
--
L
0.60
0.80
1.00
0.024
0.031
0.039
α
0°
--
8°
0°
--
8°
β
--
45°
--
--
45°
--
附录 :
MCU 读取
读取
读取
读取 DK708 芯片的示例程序
芯片的示例程序
芯片的示例程序
芯片的示例程序,
,用 8051汇编语言编写
汇编语言编写
汇编语言编写
汇编语言编写
ReadKey:
;; 先发送 addr 寄存器的内容,做为 8bit 读命令
mov
bitnum,
#8
clr
sda
;; 发送 start 信号
lcall
Nop10
;; 延时
ReadKey_1:
clr
scl
mov a,
addr
rlc
a
mov addr, a
mov sda, c
lcall Nop10
setb
scl
lcall Nop10
djnz bitnum,
ReadKey_1
;; 发送 8bit 读命令结束,开始读是否有 ACK 信号
clr
scl
lcall Nop10
setb
scl
lcall Nop10
lcall Nop10
mov
c,
sda
jnc
ReadKey_2
LCALL Error
;; 没有收到 ACK 信号,执行出错处理程序
ReadKey_2:
;; 开始读 DK708 送出的 8bit 按键数据,结果存到 key 寄存器
mov
bitnum, #8
ReadKey_3:
clr
scl
lcall Nop10
setb
scl
lcall Nop10
mov
c,
sda
DK708 8 通道带自校正功能的容性触摸感应器
DK708 Spec V1.0
Tel:400-033-6518
www.linkage.cn sale@linkage.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com