Electronic Components Datasheet Search
  English  ▼

X  

ADP3419 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3419
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3419 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3419 Datasheet HTML 3Page - Analog Devices ADP3419 Datasheet HTML 4Page - Analog Devices ADP3419 Datasheet HTML 5Page - Analog Devices ADP3419 Datasheet HTML 6Page - Analog Devices ADP3419 Datasheet HTML 7Page - Analog Devices ADP3419 Datasheet HTML 8Page - Analog Devices ADP3419 Datasheet HTML 9Page - Analog Devices ADP3419 Datasheet HTML 10Page - Analog Devices ADP3419 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP3419
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. DRVH Rise and DRVL Fall Times
CH1 = IN, CH2 = DRVH, CH3 = DRVL
Figure 7. DRVH Fall and DRVL Rise Times
CH1 = IN, CH2 = DRVH, CH3 = DRVL
25
20
15
10
5
0
JUNCTION TEMPERATURE (
°C)
0
25
50
75
100
125
VCC = 5V
CLOAD = 3nF
RISE TIME
FALLTIME
Figure 8. DRVH Rise and Fall Times vs. Temperature
25
20
15
10
5
0
JUNCTION TEMPERATURE (
°C)
0
25
50
75
100
125
VCC = 5V
CLOAD = 3nF
RISE TIME
FALLTIME
Figure 9. DRVL Rise and Fall Times vs. Temperature
80
60
40
20
0
LOAD CAPACITANCE (nF)
0
DRVH
DRVL
10
8
6
4
2
VCC = 5V
TA = 25°C
Figure 10. DRVH and DRVL Rise Times vs. Load Capacitance
25
20
15
10
5
0
LOAD CAPACITANCE (nF)
DRVH
DRVL
01
8
6
4
2
0
VCC = 5V
TA = 25°C
Figure 11. DRVH and DRVL Fall Times vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com