| Electronic Components Datasheet Search |
|
ADP3419 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP3419 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 16 page ![]() ADP3419 Rev. A | Page 10 of 16 LOW-SIDE DRIVER SHUTDOWN The low-side driver shutdown DRVLSD allows a control signal to shut down the synchronous rectifier. Under light load conditions, DRVLSD should be pulled low before the polarity reversal of the inductor current to maximize light load conversion efficiency. DRVLSD can also be pulled low for reverse voltage protection purposes. When DRVLSD is low, the low-side driver stays low. When DRVLSD is high, the low-side driver is enabled and controlled by the driver signals, as previously described. LOW-SIDE DRIVER TIMEOUT In normal operation, the DRVH signal tracks the IN signal and turns off the Q1 high-side switch with a few 10 ns delay (tpdlDRVH) following the falling edge of the input signal. When Q1 is turned off, DRVL is allowed to go high, Q2 turns on, and the SW node voltage collapses to zero. But in a fault condition such as a high-side Q1 switch drain-source short circuit, the SW node cannot fall to zero, even when DRVH goes low. The ADP3419 has a timer circuit to address this scenario. Every time the IN goes low, a DRVL on-time delay timer is triggered. If the SW node voltage does not trigger a low-side turn-on, the DRVL on-time delay circuit does it instead, when it times out with tSW(TO) delay. If Q1 is still turned on, that is, its drain is shorted to the source, Q2 turns on and creates a direct short circuit across the VDCIN voltage rail. The crowbar action causes the fuse in the VDCIN current path to open. The opening of the fuse saves the load (CPU) from potential damage that the high- side switch short circuit could have caused. CROWBAR FUNCTION In addition to the internal low-side drive time-out circuit, the ADP3419 includes a CROWBAR input pin to provide a means for additional overvoltage protection. When CROWBAR goes high, the ADP3419 turns off DRVH and turns on DRVL. The crowbar logic overrides the overlap protection circuit, the shutdown logic, the DRVLSD logic, and the UVLO protection on DRVL. Thus, the crowbar function maximizes the overvolt- age protection coverage in the application. The CROWBAR can be either driven by the CLAMP pin of buck controllers, such as the ADP3422, ADP3203, ADP3204, or ADP3205, or controlled by an independent overvoltage monitoring circuit. Table 4. ADP3419 Truth Table CROWBAR UVLO SD DRVLSD IN DRVH DRVL L L H H H H L L L H H L L H L L H L H H L L L H L L L L L L L * * L L L H * * * L L H L * * * L H H H * * * L H * = Don’t Care. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |