Electronic Components Datasheet Search
  English  ▼

X  

ADP3419 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3419
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3419 Datasheet(HTML) 1 Page - Analog Devices

  ADP3419 Datasheet HTML 1Page - Analog Devices ADP3419 Datasheet HTML 2Page - Analog Devices ADP3419 Datasheet HTML 3Page - Analog Devices ADP3419 Datasheet HTML 4Page - Analog Devices ADP3419 Datasheet HTML 5Page - Analog Devices ADP3419 Datasheet HTML 6Page - Analog Devices ADP3419 Datasheet HTML 7Page - Analog Devices ADP3419 Datasheet HTML 8Page - Analog Devices ADP3419 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Bootstrapped, High Voltage MOSFET
Driver with Output Disable
ADP3419
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
All-in-one synchronous buck driver
One PWM signal generates both drives
Anticross-conduction protection circuitry
Output disable function
Crowbar control
Synchronous override control
Undervoltage lockout
APPLICATIONS
Mobile computing CPU core power converters
Multiphase desk-note CPU supplies
Single-supply synchronous buck converters
Nonsynchronous-to-synchronous drive conversion
GENERAL DESCRIPTION
The ADP3419 is a dual MOSFET driver optimized for driving
two N-channel switching MOSFETs in nonisolated synchro-
nous buck power converters used to power CPUs in portable
computers. The driver impedances have been chosen to provide
optimum performance in multiphase regulators at up to 25 A
per phase. The high-side driver can be bootstrapped relative to
the switch node of the buck converter and is designed to
accommodate the high voltage slew rate associated with floating
high-side gate drivers.
The ADP3419 includes an anticross-conduction protection
circuit, undervoltage lockout to hold the switches off until the
driver has sufficient voltage for proper operation, a crowbar
input that turns on the low-side MOSFET independently of the
input signal state, and a low-side MOSFET disable pin to
provide higher efficiency at light loads. The SD pin shuts off
both the high-side and the low-side MOSFETs to prevent rapid
output capacitor discharge during system shutdown.
The ADP3419 is specified over the extended commercial
temperature range of 0°C to 100°C and is available in a 10-lead
MSOP package.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
IN
CROWBAR
UVLO,
OVERLAP
PROTECTION,
SHUTDOWN
AND
CROWBAR
CIRCUITS
BST
VCC
SW
DRVH
DRVL
GND
ADP3419
10
5
1
4
DRVLSD 3
SD 2
7
6
8
9
Figure 1.
GENERAL APPLICATION CIRCUIT
VCC
BST
DRVH
SW
SD
IN
DRVLSD
CROWBAR
GND
DRVL
ADP3419
VDC
VOUT
5V
FROM SYSTEM
ENABLE CONTROL
FROM CONTROLLER
PWM OUTPUT
FROM
CONTROLLER
FROM CONTROLLER
CLAMP OUTPUT
10
5
1
4
3
2
6
8
9
7
Figure 2.


Similar Part No. - ADP3419

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
ADP3419 ONSEMI-ADP3419 Datasheet
143Kb / 10P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
ADP3419JRM-REEL ONSEMI-ADP3419JRM-REEL Datasheet
186Kb / 13P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
More results

Similar Description - ADP3419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
ADP3611 ONSEMI-ADP3611 Datasheet
168Kb / 11P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
ADP3611 ONSEMI-ADP3611_1 Datasheet
198Kb / 13P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. 0
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
logo
Lowpower Semiconductor ...
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com