Electronic Components Datasheet Search
  English  ▼

X  

ADP3419 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3419
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3419 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3419 Datasheet HTML 8Page - Analog Devices ADP3419 Datasheet HTML 9Page - Analog Devices ADP3419 Datasheet HTML 10Page - Analog Devices ADP3419 Datasheet HTML 11Page - Analog Devices ADP3419 Datasheet HTML 12Page - Analog Devices ADP3419 Datasheet HTML 13Page - Analog Devices ADP3419 Datasheet HTML 14Page - Analog Devices ADP3419 Datasheet HTML 15Page - Analog Devices ADP3419 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3419
Rev. A | Page 12 of 16
PC BOARD LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed
circuit boards. Figure 18 gives an example of the typical land
patterns based on the guidelines given here.
The VCC bypass capacitor should be located as close as
possible to the VCC and GND pins. Place the ADP3419
and bypass capacitor on the same layer of the board, so
that the PCB trace between the ADP3419 VCC pin and
the MLC capacitor does not contain any via. An ideal
location for the bypass MLC capacitor is near Pin 5 and
Pin 6 of the ADP3419.
High frequency switching noise can be coupled into the
VCC pin of the ADP3419 via the BST diode. Therefore,
do not connect the anode of the BST diode to the VCC
pin with a short trace. Use a separate via or trace to
connect the anode of the BST diode directly to the VCC
5 V power rail.
It is best to have the low-side MOSFET gate close to the
DRVL pin; otherwise, use a short and very thick PCB
trace between the DRVL pin and the low-side MOSFET
gate.
Fast switching of the high-side MOSFET can reduce
switching loss. However, EMI problems can arise due to
the severe ringing of the switch node voltage. Depending
on the character of the low-side MOSFET, a very fast
turn-on of the high-side MOSFET may falsely turn on
the low-side MOSFET through the dv/dt coupling of its
Miller capacitance. Therefore, when fast turn-on of the
high-side MOSFET is not required by the application, a
resistor of about 1 Ω to 2 Ω can be placed between the
BST pin and the BST capacitor to limit the turn-on
speed of the high-side MOSFET.
CVCC
D1
CBST
RBST
SHORT, THICK TRACE
TO THE GATES OF
LOW-SIDE MOSFETS
TO SWITCH
NODE
Figure 18. External Component Placement Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com