Electronic Components Datasheet Search
  English  ▼

X  

ISD8104RYI Datasheet(PDF) 3 Page - Nuvoton Technology Corporation

Part # ISD8104RYI
Description  2W Class AB Audio Amplifier with Chip Enable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD8104RYI Datasheet(HTML) 3 Page - Nuvoton Technology Corporation

  ISD8104RYI Datasheet HTML 1Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 2Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 3Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 4Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 5Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 6Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 7Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 8Page - Nuvoton Technology Corporation ISD8104RYI Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISD8102/ISD8104
Preliminary Data Sheet Rev 1.2
- 3 -
Publication Release Date Oct 30, 2011
2 FEATURES
•
Wide power supply range and excellent
standby current
o
2.0Vdc - 6.8Vdc operation
o
<1uA standby current
•
High output power (capless BTL
configuration)
o
Up to 2W output into 4Ω load (<10%
distortion) with 6.8Vdc supply voltage
o
< 0.1% distortion at 600mW into 8-ohms
with 5Vdc supply voltage
•
Excellent pop-and-click performance
o
Low to inaudible pop/click using Chip
Enable
•
Single-Ended or Differential signal inputs
o
> 75dB common mode rejection in
differential mode
o
> 70dB power supply noise rejection
•
Very fast start-up time
o
Less than 1msec when using Chip
Enable
Applications:
•
Toys
•
Feature Phones
•
Current limiting for over-current conditions
•
Portable Game Consoles
•
Package options: Pb-free SOP-8, SOP-8
(Ex-Pad)
•
GPS
•
Portable Speakers
•
Less BOM cost / Easy PCB layout
•
Boom Box
•
Temperature Range: -40°C to +85°C
•
White Goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com